PART |
Description |
Maker |
OMR-109H000 |
DRY REED RELAY, SPST, MOMENTARY, 0.013A (COIL), 9VDC (COIL), 116mW (COIL), THROUGH HOLE-STRAIGHT MOUNT
|
IRC Advanced Film
|
KSK-1A85-4045 |
DRY REED SWITCH, SPST, 1A, 1000VDC, THROUGH HOLE-STRAIGHT
|
MEDER ELECTRONIC AG
|
DIP05-1C90-51F |
DRY REED RELAY, SPDT, MOMENTARY, 0.025A (COIL), 5VDC (COIL), 125mW (COIL), 0.5A (CONTACT), 175VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT DIP Reed Relay
|
MEDER electronic
|
DIP05-1C96-51D |
DRY REED RELAY, SPDT, MOMENTARY, 0.025A (COIL), 5VDC (COIL), 125mW (COIL), 0.5A (CONTACT), 175VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT DIP Reed Relay
|
MEDER electronic
|
F51A7100 |
REED RELAY / DRY CONTACT
|
celduc-relais
|
F51A5100 F51A2100 |
REED RELAY / DRY CONTACT
|
celduc-relais
|
R0116S06 R0115S06 |
REED RELAY / DRY CONTACT
|
celduc-relais
|
R1329L13 R1380L13 R1343L13 R1380L85 R1329L85 R1343 |
HIGH VOLTAGE REED RELAY/ DRY CONTACT
|
celduc-relais
|
FLEX-14 |
DRY REED SWITCH, SPST, 0.5A, 200VDC, THROUGH HOLE-STRAIGHT Sub-miniature normally open switch with 14.00mm x 2.28mm
|
HAMLIN ELECTRONICS EUROPE LTD HAMLIN Position and Movement Sensor Solutions
|
X3101 X3100 |
Reed Relay; Contacts:SPST; Contact Carry Current:1A; Coil Voltage DC Max:12V; Relay Terminals:Thru Hole; Switching Current Max:0.5A; Switching Voltage Max:200V; Contact Carrying Power:10W; Leaded Process Compatible:Yes RoHS Compliant: Yes Reed Relay; Contacts:SPST; Switching Current Max:0.5A; Switching Voltage Max:200V; Contact Carry Current:1A; Coil Voltage DC Max:5V; Relay Terminals:DIP-14; Relay Mounting:PC Board; Contact Carrying Power:10W
|
Xicor Inc.
|
|